| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L433CB Fiches technique(PDF) 179 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CB Fiches technique(HTML) 179 Page - STMicroelectronics |
|
179 / 227 page ![]() DS11449 Rev 7 179/19 STM32L433xx Electrical characteristics 194 6.3.24 VBAT monitoring characteristics Table 88. VBAT monitoring characteristics Symbol Parameter Min Typ Max Unit R Resistor bridge for VBAT -3×39- kΩ QRatio on VBAT measurement - 3 - - Er(1) 1. Guaranteed by design. Error on Q -10 - 10 % tS_vbat(1) ADC sampling time when reading the VBAT 12 - - µs Table 89. VBAT charging characteristics Symbol Parameter Conditions Min Typ Max Unit RBC Battery charging resistor VBRS = 0 - 5 - kΩ VBRS = 1 - 1.5 - |