Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L433CB Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce STM32L433CB
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CB Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button STM32L433CB Datasheet HTML 64Page - STMicroelectronics STM32L433CB Datasheet HTML 65Page - STMicroelectronics STM32L433CB Datasheet HTML 66Page - STMicroelectronics STM32L433CB Datasheet HTML 67Page - STMicroelectronics STM32L433CB Datasheet HTML 68Page - STMicroelectronics STM32L433CB Datasheet HTML 69Page - STMicroelectronics STM32L433CB Datasheet HTML 70Page - STMicroelectronics STM32L433CB Datasheet HTML 71Page - STMicroelectronics STM32L433CB Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 227 page
background image
Pinouts and pin description
STM32L433xx
68/227
DS11449 Rev 7
26 26 E2 G2 34 34 G8 52 K12
PB13
I/O
FT_fl
-
TIM1_CH1N,
I2C2_SCL,
SPI2_SCK,
USART3_CTS,
LPUART1_CTS,
TSC_G1_IO2,
LCD_SEG13,
SWPMI1_TX,
SAI1_SCK_A,
TIM15_CH1N,
EVENTOUT
-
27 27 E1 G1 35 35 F8
53 K11
PB14
I/O
FT_fl
-
TIM1_CH2N,
I2C2_SDA,
SPI2_MISO,
USART3_RTS_DE,
TSC_G1_IO3,
LCD_SEG14,
SWPMI1_RX,
SAI1_MCLK_A,
TIM15_CH1,
EVENTOUT
-
28 28 D3 F2 36 36 F7
54 K10
PB15
I/O
FT_l
-
RTC_REFIN,
TIM1_CH3N,
SPI2_MOSI,
TSC_G1_IO4,
LCD_SEG15,
SWPMI1_SUSPEND,
SAI1_SD_A,
TIM15_CH2,
EVENTOUT
-
--
-
-
-
-
-
55
K9
PD8
I/O
FT_l
-
USART3_TX,
LCD_SEG28,
EVENTOUT
-
--
-
-
-
-
-
56
K8
PD9
I/O
FT_l
-
USART3_RX,
LCD_SEG29,
EVENTOUT
-
-
-
-
-
-
-
-
57
J12
PD10
I/O
FT_l
-
USART3_CK,
TSC_G6_IO1,
LCD_SEG30,
EVENTOUT
-
Table 15. STM32L433xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More