| Moteur de recherche de fiches techniques de composants électroniques |
|
XP-G2 Fiches technique(PDF) 32 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
XP-G2 Fiches technique(HTML) 32 Page - Cree LED |
|
32 / 39 page ![]() Copyright © 2012-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association. 32 XLAMP® XP-G2 LED BIN AND ORDER CODE FORMATS XP-G2 bin codes and order codes are configured in the following manner: Order Code Bin Code SSSCCC-BD-HHHH-NNNNN Kit number Version 1 = Standard E = High Efficacy Color BWT = Gen 2 White Series XPG = XP-G Color specification 01 = Outdoor White B1 = 70 CRI minimum L1 = Standard CRI H1 = 80 CRI minimum P1 = 85 CRI minimum U1 = 90 CRI minimum Internal code SSSCCC-BD-WWW-FF-G-AA Luminous flux group Version 1 = Standard E = High Efficacy Color BWT = Gen 2 White Series XPG = XP-G Color specification 01 = Outdoor White B1 = 70 CRI minimum L1 = Standard CRI H1 = 80 CRI minimum P1 = 85 CRI minimum U1 = 90 CRI minimum Chromaticity bin Internal code |