Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P271 Fiches technique(PDF) 4 Page - TT Electronics.

No de pièce P271
Description  Panel Potentiometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P271 Fiches technique(HTML) 4 Page - TT Electronics.

  P271 Datasheet HTML 1Page - TT Electronics. P271 Datasheet HTML 2Page - TT Electronics. P271 Datasheet HTML 3Page - TT Electronics. P271 Datasheet HTML 4Page - TT Electronics. P271 Datasheet HTML 5Page - TT Electronics. P271 Datasheet HTML 6Page - TT Electronics. P271 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Panel Potentiometer
Model P270 / P271 / P272 / P278
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
© TT electronics plc
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 4
Shaft Types
F-TYPE Shaft – Bushing Combinations
Shaft Length (L)
Bushing Length (M)
Flat Length (T)
(1) = .625
(1) = .250
.315
(1) = .625
(4) = .312
.250
(1) = .625
(2) = .375
.200
(1) = .625
(3) = .500
Not Available
(5) = .750
(2) = .375
.315
(5) = .750
(3) = .500
.200
(2) = .875
(3) = .500
.315
All Other
Combinations
.375
Circuit Diagrams
P270 (without Center Tap)
P271 (with Voltage Center Tap)
P272 (Dual Gang)



Html Pages

1 2 3 4 5 6 7