Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LES Fiches technique(PDF) 1 Page - LEM

No de pièce LES
Description  Current Transducer LES series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEM [LEM]
Site Internet  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LES Fiches technique(HTML) 1 Page - LEM

  LES Datasheet HTML 1Page - LEM LES Datasheet HTML 2Page - LEM LES Datasheet HTML 3Page - LEM LES Datasheet HTML 4Page - LEM LES Datasheet HTML 5Page - LEM LES Datasheet HTML 6Page - LEM LES Datasheet HTML 7Page - LEM LES Datasheet HTML 8Page - LEM LES Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Page 1/18
11July2018/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
N°97.N9.09.000.0, N°97.N9.15.000.0, N°97.N9.19.000.0, N°97.N9.25.000.0
Current Transducer LES series
I
P N = 6, 15, 25, 50 A
Ref: LES 6-NP, LES 15-NP, LES 25-NP, LES 50-NP
For the electronic measurement of current: DC, AC, pulsed..., with galvanic separation between
the primary and the secondary circuit.
Features
● Closed loop multi-range current transducer
● Voltage output
● Unipolar supply voltage
● Compact design for PCB mounting.
Advantages
● Very low offset drift
● Very good dv/dt immunity
● CAS footprint compatible
Applications
● AC variable speed and servo motor drives
● Static converters for DC motor drives
● Battery supplied applications
● Uninterruptible Power Supplies (UPS)
● Switched Mode Power Supplies (SMPS)
● Power supplies for welding applications
● Solar inverters.
Standards
● IEC 61800-1: 1997
● IEC 61800-2: 2015
● IEC 61800-3: 2004
● IEC 61800-5-1: 2007
● IEC 62109-1: 2010
● IEC 62477-1: 2012
● UL 508:2013.
Application Domain
● Industrial.


Numéro de pièce similaire - LES

FabricantNo de pièceFiches techniqueDescription
logo
Arm Limited (or its aff...
LES-PRE-20349 ARM-LES-PRE-20349 Datasheet
266Kb / 19P
User-Based Licensing
21 June 2022 Version 1.1
logo
Power-One
LES006ZB POWER-ONE-LES006ZB Datasheet
181Kb / 3P
LES SERIES - 15 WATT
LES008YD POWER-ONE-LES008YD Datasheet
181Kb / 3P
LES SERIES - 15 WATT
LES008ZD POWER-ONE-LES008ZD Datasheet
181Kb / 3P
LES SERIES - 15 WATT
LES010YE POWER-ONE-LES010YE Datasheet
181Kb / 3P
LES SERIES - 15 WATT
More results

Description similaire - LES

FabricantNo de pièceFiches techniqueDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LAX100-NP LEM-LAX100-NP Datasheet
273Kb / 12P
Current Transducer LAX SERIES
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
Current Transducer CAS series
CTSR-0.6-P LEM-CTSR-0.6-P Datasheet
675Kb / 11P
Current Transducer CTSR series
LAX-100-NP LEM-LAX-100-NP Datasheet
431Kb / 12P
Current Transducer LAX SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com