Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF2498PCBA-41X Fiches technique(PDF) 21 Page - RF Micro Devices

No de pièce RF2498PCBA-41X
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498PCBA-41X Fiches technique(HTML) 21 Page - RF Micro Devices

Back Button RF2498PCBA-41X Datasheet HTML 14Page - RF Micro Devices RF2498PCBA-41X Datasheet HTML 15Page - RF Micro Devices RF2498PCBA-41X Datasheet HTML 16Page - RF Micro Devices RF2498PCBA-41X Datasheet HTML 17Page - RF Micro Devices RF2498PCBA-41X Datasheet HTML 18Page - RF Micro Devices RF2498PCBA-41X Datasheet HTML 19Page - RF Micro Devices RF2498PCBA-41X Datasheet HTML 20Page - RF Micro Devices RF2498PCBA-41X Datasheet HTML 21Page - RF Micro Devices RF2498PCBA-41X Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21 of 22
RF2498
Rev A3 DS030711
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and tested
for optimized assembly at RFMD; however, it may require some modifications to address company specific assembly pro-
cesses. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
A
A
A
A
A
A
A
A
B B B B B B B B
C
A
A
A
A
A
A
A
A
B B B B B B B B
3.50 Typ.
0.50 Typ.
0.50 Typ.
0.55 Typ.
0.55 Typ.
1.75 Typ.
1.75 Typ.
3.50 Typ.
A = 0.64 x 0.28 (mm) Typ.
B = 0.28 x 0.64 (mm) Typ.
C = 3.50 (mm) Sq.
Pin 1
Pin 32
Pin 24
Pin 16
Dimensions in mm.
Figure 1. PCB Metal Land Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22