Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF2514PCBA-41X Fiches technique(PDF) 17 Page - RF Micro Devices

No de pièce RF2514PCBA-41X
Description  VHF/UHF TRANSMITTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514PCBA-41X Fiches technique(HTML) 17 Page - RF Micro Devices

Back Button RF2514PCBA-41X Datasheet HTML 10Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 11Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 12Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 13Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 14Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 15Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 16Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 17Page - RF Micro Devices RF2514PCBA-41X Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17 of 18
RF2514
Rev A5 DS040115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Layout (868MHz)
Board Size 1.242” x 1.242”
Board Thickness 0.031”, Board Material FR-4
Evaluation Board Layout (915MHz)
Board Size 1.242” x 1.242”
Board Thickness 0.031”, Board Material FR-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18