Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC9282B3FD Fiches technique(PDF) 9 Page - Torex Semiconductor

No de pièce XC9282B3FD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282B3FD Fiches technique(HTML) 9 Page - Torex Semiconductor

Back Button XC9282B3FD Datasheet HTML 5Page - Torex Semiconductor XC9282B3FD Datasheet HTML 6Page - Torex Semiconductor XC9282B3FD Datasheet HTML 7Page - Torex Semiconductor XC9282B3FD Datasheet HTML 8Page - Torex Semiconductor XC9282B3FD Datasheet HTML 9Page - Torex Semiconductor XC9282B3FD Datasheet HTML 10Page - Torex Semiconductor XC9282B3FD Datasheet HTML 11Page - Torex Semiconductor XC9282B3FD Datasheet HTML 12Page - Torex Semiconductor XC9282B3FD Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9/30
XC9281/XC9282
Series
■TEST CIRCUITS
< Circuit No.① >
< Circuit No.② >
< Circuit No.③ >
< Circuit No.④ >
< Circuit No.⑥ >
< Circuit No.⑤ >
< Circuit No.⑦ >
B TYPE
4.7μ F
VIN
LX
CE
VOUT
GND
Wave Form Measure
Point
1μ F
Rpulldown
100Ω
V
V
V
RL
CL
L
CIN
Wave Form Measure
Point
VIN
LX
CE
VOUT
GND
※ External Components
L
: 0.47μ H
CIN : 4.7μ F(ceramic)
CL : 4.7μ F(ceramic)
V
A
V
Rpulldown
100Ω
VIN
LX
CE
VOUT
GND
ICEH
2.2μ F
A
A
VIN
LX
CE
VOUT
GND
ICEL
ILeakH
ILeakL
A
A
A
VIN
LX
CE
VOUT
GND
ILx
2.2μ F
A
V
V
ILIM H
1μ F
Wave Form Measure
Point
VIN
LX
CE
VOUT
GND
2.2μ F
VIN
LX
CE
VOUT
GND
2.2μ F
A
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com