Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDR10EZPJ100 Fiches technique(PDF) 2 Page - Rohm

No de pièce SDR10EZPJ100
Description  High anti-surge chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

SDR10EZPJ100 Fiches technique(HTML) 2 Page - Rohm

  SDR10EZPJ100 Datasheet HTML 1Page - Rohm SDR10EZPJ100 Datasheet HTML 2Page - Rohm SDR10EZPJ100 Datasheet HTML 3Page - Rohm SDR10EZPJ100 Datasheet HTML 4Page - Rohm SDR10EZPJ100 Datasheet HTML 5Page - Rohm SDR10EZPJ100 Datasheet HTML 6Page - Rohm SDR10EZPJ100 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SDR series
Datasheet
●
Chip resistor dimensions and markings
■SDR03/10
(Unit:mm)
Part No.
(mm)
(inch)
L
W
t
a
b
Marking
existence
SDR03
1608
0603
1.60±0.10
0.80±0.10
0.45±0.10
0.25±0.10
0.25±0.10
SD
SDR10
2012
0805
2.00±0.10
1.25±0.10
0.55±0.10
0.25±0.10
0.40±0.20
SD
●
Land pattern example
(Unit:mm)
Dimensions
A
B
C
D
Part No.
SDR03
1.0
2.0
0.8
0.5
SDR10
1.2
2.6
1.15
0.7
www.rohm.com
© 2020 ROHMCo., Ltd. All rights reserved.
2/4
2020.07 - Rev.C



Html Pages

1 2 3 4 5 6 7