Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDR10EZPJ9R1 Fiches technique(PDF) 4 Page - Rohm

No de pièce SDR10EZPJ9R1
Description  High anti-surge chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

SDR10EZPJ9R1 Fiches technique(HTML) 4 Page - Rohm

  SDR10EZPJ9R1 Datasheet HTML 1Page - Rohm SDR10EZPJ9R1 Datasheet HTML 2Page - Rohm SDR10EZPJ9R1 Datasheet HTML 3Page - Rohm SDR10EZPJ9R1 Datasheet HTML 4Page - Rohm SDR10EZPJ9R1 Datasheet HTML 5Page - Rohm SDR10EZPJ9R1 Datasheet HTML 6Page - Rohm SDR10EZPJ9R1 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SDR series
Datasheet
●
●
Tape dimensions
(Unit : mm)
■
Paper tape
Part No.
W
F
E
A0
B0
SDR03
8.0±0.3
3.5±0.05
1.75±0.1
1.1±0.1
1.9±0.1
SDR10
8.0±0.3
3.5±0.05
1.75±0.1
1.65
+0.2
-0.1
2.4
+0.2
-0.1
Part No.
D0
P0
P1
P2
T2
SDR03 Φ1.5
+0.1
0
4.0±0.1
4.0±0.1
2.0±0.05
MAX1.1
SDR10 Φ1.5
+0.1
0
4.0±0.1
4.0±0.1
2.0±0.05
MAX1.1
●
●
Reel dimensions
Using two kinds of reels for taping.
(Unit : mm)
Part No.
A
B
C
D
SDR03
Φ180
0
-1.5
Φ60
+1.0
0
9
+1.0
0
Φ13±0.2
SDR10
www.rohm.com
© 2020 ROHMCo., Ltd. All rights reserved.
4/4
2020.07 - Rev.C



Html Pages

1 2 3 4 5 6 7