Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4941BX Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce L4941BX
Description  VERY LOW DROP 1A REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4941BX Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button L4941BX Datasheet HTML 4Page - STMicroelectronics L4941BX Datasheet HTML 5Page - STMicroelectronics L4941BX Datasheet HTML 6Page - STMicroelectronics L4941BX Datasheet HTML 7Page - STMicroelectronics L4941BX Datasheet HTML 8Page - STMicroelectronics L4941BX Datasheet HTML 9Page - STMicroelectronics L4941BX Datasheet HTML 10Page - STMicroelectronics L4941BX Datasheet HTML 11Page - STMicroelectronics L4941BX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
L4941
8/14
Figure 20 : Distributed Supply with On-card L4940 and L4941 low drop regulator
ADVANTAGES OTF THESE APPLICATION ARE:
On card regulation with short-circuit and thermal protection on each output.
Vary high total system efficency due to the switching preregulation and very low-drop postregulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14