Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4943 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce L4943
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4943 Fiches technique(HTML) 4 Page - STMicroelectronics

  L4943 Datasheet HTML 1Page - STMicroelectronics L4943 Datasheet HTML 2Page - STMicroelectronics L4943 Datasheet HTML 3Page - STMicroelectronics L4943 Datasheet HTML 4Page - STMicroelectronics L4943 Datasheet HTML 5Page - STMicroelectronics L4943 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D97AU672B
GEN
REF
VMEM
(3÷7)V 0.5A
VADJ1
(3÷11)V 0.5A
VADJ2
(3÷11)V 0.5A
HSD
LOAD
DUMP
VMEM
VMEM_feed
VADJ1
VADJ1_feed
VADJ2
VADJ2_feed
HSD
ST CAP
EN1
EN2
VS
P-GND
S-GND
TAB
FILTER CAP
R1
11
10
7
13
9
14
4
8
3
6
2
5
1
12
15
R2
10
µF
10
µF
10
µF
470
µF
R3
R4
10
µF
R5
R6
Figure 1. Application circuit.
L4943
4/6



Html Pages

1 2 3 4 5 6