Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE7566ASTZF8-RL Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Fiches technique(HTML) 3 Page - Analog Devices

  ADE7566ASTZF8-RL Datasheet HTML 1Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 2Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 3Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 4Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 5Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 6Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 7Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 8Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 3 of 144
LCD Registers ..............................................................................96
LCD Setup ....................................................................................99
LCD Timing and Waveforms ....................................................99
Blink Mode................................................................................ 100
Display Element Control......................................................... 100
Voltage Generation .................................................................. 101
LCD External Circuitry........................................................... 101
LCD Function in PSM2........................................................... 101
Flash Memory ............................................................................... 103
Overview ................................................................................... 103
Flash Memory Organization................................................... 104
Using the Flash Memory ......................................................... 104
Protecting the Flash Memory ................................................. 107
In-Circuit Programming ......................................................... 108
Timers ............................................................................................ 109
Timer Registers......................................................................... 109
Timer 0 and Timer 1................................................................ 111
Timer 2 ...................................................................................... 112
PLL ................................................................................................. 114
PLL Registers ............................................................................ 114
Real-Time Clock........................................................................... 116
RTC Registers ........................................................................... 116
Read and Write Operations .................................................... 119
RTC Modes ............................................................................... 119
RTC Interrupts ......................................................................... 119
RTC Calibration ....................................................................... 120
UART Serial Interface...................................................................121
UART Registers .........................................................................121
UART Operation Modes ..........................................................124
UART Baud Rate Generation ..................................................125
UART Additional Features ......................................................127
Serial Peripheral Interface (SPI)..................................................128
SPI Registers ..............................................................................128
SPI Pins.......................................................................................131
SPI Master Operating Modes ..................................................132
SPI Interrupt and Status Flags .................................................133
I2C Compatible Interface..............................................................134
Serial Clock Generation ...........................................................134
Slave Addresses..........................................................................134
I2C Registers...............................................................................134
Read and Write Operations .....................................................135
I2C Receive and Transmit FIFOs.............................................136
I/O Ports .........................................................................................137
Parallel I/O.................................................................................137
I/O Registers ..............................................................................138
Port 0...........................................................................................141
Port 1...........................................................................................141
Port 2...........................................................................................141
Determining the Version of the ADE7566/ADE7569..............142
Outline Dimensions......................................................................143
Ordering Guide .........................................................................144
REVISION HISTORY
Revision History: ADE7566/ADE7569/ADE7166/ADE7169
12/07—Revision A: Initial Combined Version
Revision History: ADE7566/ADE7569
12/07—Rev. 0 to Rev. A
Added ADE7166/ADE7169 .............................................. Universal
Changes to Table 1 ............................................................................1
Changes to Ordering Guide.........................................................144
11/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More