Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMMT-AS-100-H-HS-RMY Fiches technique(PDF) 3 Page - Festo Corporation.

No de pièce EMMT-AS-100-H-HS-RMY
Description  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-100-H-HS-RMY Fiches technique(HTML) 3 Page - Festo Corporation.

  EMMT-AS-100-H-HS-RMY Datasheet HTML 1Page - Festo Corporation. EMMT-AS-100-H-HS-RMY Datasheet HTML 2Page - Festo Corporation. EMMT-AS-100-H-HS-RMY Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
Safety sub-function up to PL d, Cat. 3
Reliable acquisition and transmission of single-turn position data
Safety sub-function up to PL e, Cat. 3 3
Reliable recording and transmission of single-turn position data, only
with additional software function in the servo drive
PFHd, subcomponent
15 x 10E-9, encoder
Duration of use Tm, subcomponent
20 years, rotor position sensor
Energy efficiency
ENEFF (CN) / Class 2
1/4/26 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3