| Moteur de recherche de fiches techniques de composants électroniques |
|
EMMT-AS-100-L-HS-RMY Fiches technique(PDF) 3 Page - Festo Corporation. |
|
|
|||||||||||||||||||||||||||||
EMMT-AS-100-L-HS-RMY Fiches technique(HTML) 3 Page - Festo Corporation. |
|
3 / 3 page ![]() Feature Value Safety sub-function up to PL d, Cat. 3 Reliable acquisition and transmission of single-turn position data Safety sub-function up to PL e, Cat. 3 3 Reliable recording and transmission of single-turn position data, only with additional software function in the servo drive PFHd, subcomponent 15 x 10E-9, encoder Duration of use Tm, subcomponent 20 years, rotor position sensor Energy efficiency ENEFF (CN) / Class 2 1/4/26 - Subject to change - Festo SE & Co. KG 3/3 |