Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R2000F Fiches technique(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce R2000F
Description  HIGH VOLTAGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

R2000F Fiches technique(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  R2000F Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited R2000F Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.3 -- PEAKFORWARDSURGECURREENT
FIG.4 -- TYPICAL JUNCTIONCAPACITANCE
REVERSE VOLTAGE,VOLTS
NUMBEROF CYCLES AT60HZ
FIG.1 -- FORWARDDERATINGCURVE
FIG.2 -- TYPICAL FORWARDCHARACTERISTICS
RATINGSANDCHARACTERISTICCURVES
R1200F --- R2000F
AMBIENTTEMPERATURE,
INSTANTANEOUS FORWARDVOLTAGE, VOLTS
www.galaxycn.com
Document Number 0263006
2.
BLGALAXY ELECTRICAL
1.6
2.6
0.01
0.1
1.0
10
3.6
4.6
0.6
TJ=25
Pulse Width=300
µs
R200F
R1200F-
R1800F
0
100
1
10
100
10
4
TJ=25
10
100
TJ=125
8.3ms Single Half
Sine - Wave
30
20
10
0
1
0
0.1
25
50
75
100
125
150
0.2
200
175
0.3
0.4
0.5
R1200F - R1800F
R2000F
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load



Html Pages

1 2