Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFMMT720-HF Fiches technique(PDF) 5 Page - Comchip Technology

No de pièce AFMMT720-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AFMMT720-HF Fiches technique(HTML) 5 Page - Comchip Technology

  AFMMT720-HF Datasheet HTML 1Page - Comchip Technology AFMMT720-HF Datasheet HTML 2Page - Comchip Technology AFMMT720-HF Datasheet HTML 3Page - Comchip Technology AFMMT720-HF Datasheet HTML 4Page - Comchip Technology AFMMT720-HF Datasheet HTML 5Page - Comchip Technology AFMMT720-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Comchip Technology CO., LTD.
Page 5
REV:A
Reel Taping Specification
(mm)
(inch)
SOT-23
SYMBOL
(inch)
SOT-23
SYMBOL
A
(mm)
B
C
d
D
D1
D2
3.15 ± 0.10
2.77 ± 0.10
1.22 ± 0.10
1.50 ± 0.10
178.00 ± 1.00
54.00 ± 0.50
13.00 ± 0.50
0.124 ± 0.004 0.109 ± 0.004 0.048 ± 0.004 0.059 ± 0.004 7.008 ± 0.039 2.126 ± 0.020 0.512 ± 0.020
E
F
P
P0
P1
W
W1
1.75 ± 0.10
3.50 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
8.00 ± 0.30
9.50 ± 1.00
0.069 ± 0.004 0.138 ± 0.004 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002
0.315 ± 0.012 0.374 ± 0.039
Trailer
Device
Leader
50±2 Empty Pockets
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
100±2 Empty Pockets
D1
D2
D
W1
T
0.20 ± 0.02
0.008 ± 0.001
A
B
C
E
F
P
P0
P1
W
T
AQW-JTR84
General Purpose Transistor



Html Pages

1 2 3 4 5 6