| Moteur de recherche de fiches techniques de composants électroniques |
|
SSM2602 Fiches technique(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2602 Fiches technique(HTML) 31 Page - Analog Devices |
|
31 / 32 page ![]() SSM2602 Rev. 0 | Page 31 of 32 NOISE GATE, ADDRESS 0x12 Table 41. Noise Gate Register Bit Map D8 D7 D6 D5 D4 D3 D2 D1 D0 0 NGTH [4:0] NGG [1:0] NGAT Table 42. Descriptions of Noise Gate Register Bits Bit Name Description Settings NGTH [4:0] Noise gate threshold 00000 = −76.5 dBFS (default) 00001 = −75 dBFS … 1.5 dB steps up to 11110 = −31.5 dBFS 11111 = −30 dBFS NGG [1:0] Noise gate type X0 = hold PGA gain constant (default)1 01 = mute output 11 = reserved NGAT Noise gate control 0 = noise gate disable (default) 1 = noise gate enable 1 X = don’t care. |