Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KD1084AD2M33 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce KD1084AD2M33
Description  5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084AD2M33 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button KD1084AD2M33 Datasheet HTML 9Page - STMicroelectronics KD1084AD2M33 Datasheet HTML 10Page - STMicroelectronics KD1084AD2M33 Datasheet HTML 11Page - STMicroelectronics KD1084AD2M33 Datasheet HTML 12Page - STMicroelectronics KD1084AD2M33 Datasheet HTML 13Page - STMicroelectronics KD1084AD2M33 Datasheet HTML 14Page - STMicroelectronics KD1084AD2M33 Datasheet HTML 15Page - STMicroelectronics KD1084AD2M33 Datasheet HTML 16Page - STMicroelectronics KD1084AD2M33 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
KD1084 SERIES
13/18
Figure 7 : Supply Voltage Rejection vs
Frequency
Figure 8 : Adjust Pin Current vs Output Current
Figure 9 : Line Transient
Figure 10 : Load Transient
VI=4 to 6V, IO=200mA,CI = 1µF(tant), CO=10µF(tant), ts=tf=5µs
VI=7 V, IO=0.1 to 5 A, CI = 1µF(tant), CO=10µF(tant) ts=tf=3.5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18