Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4916 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L4916
Description  VOLTAGE REGULATOR PLUS FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4916 Fiches technique(HTML) 5 Page - STMicroelectronics

  L4916 Datasheet HTML 1Page - STMicroelectronics L4916 Datasheet HTML 2Page - STMicroelectronics L4916 Datasheet HTML 3Page - STMicroelectronics L4916 Datasheet HTML 4Page - STMicroelectronics L4916 Datasheet HTML 5Page - STMicroelectronics L4916 Datasheet HTML 6Page - STMicroelectronics L4916 Datasheet HTML 7Page - STMicroelectronics L4916 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 3 : Nonliner Transfer Characteristic of the Drop Control Unit.
Figure 4 : Supply Voltage Rejection vs. Input
Voltage.
Figure 5 : Supply voltage Rejection vs.
Frequency.
Figure 6 :Vo vs. Supply Voltage.
Figure 7 : Quiescent Current vs. Input Voltage.
1) Normal operating range (high ripple
rejection)
2) Drop controlled range (medium ripple
rejection)
3) Fast discharge of CFT
L4916
5/8



Html Pages

1 2 3 4 5 6 7 8