| Moteur de recherche de fiches techniques de composants électroniques |
|
RGC3A60..48 Fiches technique(PDF) 6 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
RGC3A60..48 Fiches technique(HTML) 6 Page - Carlo Gavazzi Holding AG |
|
6 / 41 page ![]() 6 Carlo Gavazzi Ltd. RGC2, RGC3 RGC2, RGC3 DS ENG 05/10/20 Structure Element Component Function 1/L1, 3/L2, 5/L3 Power connections Mains connections 2/T1, 4/T2, 6/T3 Power connections Load connections Aux. output Auxiliary output Changes state with change of state of SSR output Alarm output Electro mechanical relay Alarm output; normally open, normally closed A1, A2 Control connection Terminals for control voltage Us Supply connection Terminals for supply voltage Green LED CONTROL indicator Indicates presence of control voltage and supply voltage Yellow LED LOAD indicator Indicates the load status Red LED ALARM indicator Indicates presence of an alarm condition Heatsink Integrated heatsink DIN rail and panel mount versions available PE Protective Earth Connection for Protective Earth RGC..M A1, A2 Us LED LED LED Alarm output Aux. output PE Heatsink RGC 1/L1 LED A1, A2 Heatsink 3/L2 5/L3 6/T3 4/T2 2/T1 PE Both RGC and RGC..M are available in DIN rail and panel mount versions. DIN rail mount solutions at higher current ratings include forced ventilation. Check 'Dimensions' sections for further information. |