Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RGC3A22..10 Fiches technique(PDF) 6 Page - Carlo Gavazzi Holding AG

No de pièce RGC3A22..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Site Internet  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC3A22..10 Fiches technique(HTML) 6 Page - Carlo Gavazzi Holding AG

Back Button RGC3A22..10 Datasheet HTML 2Page - Carlo Gavazzi Holding AG RGC3A22..10 Datasheet HTML 3Page - Carlo Gavazzi Holding AG RGC3A22..10 Datasheet HTML 4Page - Carlo Gavazzi Holding AG RGC3A22..10 Datasheet HTML 5Page - Carlo Gavazzi Holding AG RGC3A22..10 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC3A22..10 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC3A22..10 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC3A22..10 Datasheet HTML 9Page - Carlo Gavazzi Holding AG RGC3A22..10 Datasheet HTML 10Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Structure
Element
Component
Function
1/L1, 3/L2, 5/L3 Power connections
Mains connections
2/T1, 4/T2, 6/T3 Power connections
Load connections
Aux. output
Auxiliary output
Changes state with change of state of SSR output
Alarm output
Electro mechanical relay
Alarm output; normally open, normally closed
A1, A2
Control connection
Terminals for control voltage
Us
Supply connection
Terminals for supply voltage
Green LED
CONTROL indicator
Indicates presence of control voltage and supply voltage
Yellow LED
LOAD indicator
Indicates the load status
Red LED
ALARM indicator
Indicates presence of an alarm condition
Heatsink
Integrated heatsink
DIN rail and panel mount versions available
PE
Protective Earth
Connection for Protective Earth
RGC..M
A1, A2
Us
LED
LED
LED
Alarm output
Aux. output
PE
Heatsink
RGC
1/L1
LED
A1, A2
Heatsink
3/L2
5/L3
6/T3
4/T2
2/T1
PE
Both RGC and RGC..M are available in DIN rail and panel mount versions. DIN rail mount solutions at higher current ratings include forced
ventilation. Check 'Dimensions' sections for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41