Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E200-R11-C1K1R Fiches technique(PDF) 3 Page - E-SWITCH

No de pièce E200-R11-C1K1R
Description  E200 Series Pushbutton Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

E200-R11-C1K1R Fiches technique(HTML) 3 Page - E-SWITCH

  E200-R11-C1K1R Datasheet HTML 1Page - E-SWITCH E200-R11-C1K1R Datasheet HTML 2Page - E-SWITCH E200-R11-C1K1R Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.e-switch.com
800.867.2717
3
E200 Series Pushbutton Switch
Body Dimensions -
Non-Illuminated
SHEET OF
2
2
10/30/2023
E200 Catalog Drawing
BOTTOM VIEW SHOWN
WITHOUT SHROUD ACTUATOR
2
4
b
1
3
1
3
4
2
a
SIDE VIEW SHOWN
WITHOUT TERMINAL
SHROUD
7.2.5
.3.0 in
[]
.50
[.020 in]
14.5 -1.0.0
+
.6 -.0.0
+
in
[]
M16 X 1.0
42.901.00
1.689 .039 in
[
]
18.5.5
.73 .02 in
[]
23.8
.4
.94.02 in
[
]
2.80
[.110 in]
12.0 - .0
2.0
+
.5 -.0.1
+
in
[]
8.001.00
.315 .039 in
[
]
41.70 1.00
1.642.039 in
[
]
16.00
- .00
.20
+
.630 -.000
.008
+
in
[
]
15.00 -.00
.10
+
.591 -.000
.004
+
in
[]
1.70 -.10
.00
+
.067 -.004
.000
+
in
[]
PUSH POSITION
FREE POSITION
Recommended Panel Cutout
Pushlock Turn to Reset



Html Pages

1 2 3