| Moteur de recherche de fiches techniques de composants électroniques |
|
E200-R11-A1 Fiches technique(PDF) 2 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
E200-R11-A1 Fiches technique(HTML) 2 Page - E-SWITCH |
|
2 / 3 page ![]() www.e-switch.com 800.867.2717 2 E200 Series Pushbutton Switch SHEET OF 1 2 10/30/2023 E200 Catalog Drawing BOTTOM VIEW SHOWN WITHOUT SHROUD ACTUATOR 3 41 2 a 42 b 1 3 SIDE VIEW SHOWN WITHOUT TERMINAL SHROUD 2.80 [.110 in] .50 [.020 in] 7.2.5 .3.0 in [] 14.5 -1.0.0 + .6 -.0.0 + in [] M16 X 1.0 42.9 1.0 1.69 .04 in [ ] 30.5.5 1.2 .02 in [] 8.00.50 .315 .020 in [ ] 6.0 - .0 1.0 + .2 -.0.0 + in [] 12.0 - .0 2.0 + .5 -.0.1 + in [] 41.71.0 1.64.04 in [ ] 28.0 .4 1.1.02 in [ ] 16.00 - .00 .20 + .630 -.000 .008 + in [ ] 15.00 -.00 .10 + .591 -.000 .004 + in [] 1.70 -.10 .00 + .067 -.004 .000 + in [] PUSH POSITION FREE POSITION b (+) L (-) a b (+) L (-) a Recommended Panel Cutout Body Dimensions - Illuminated Pushlock Turn to Reset |