Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L484 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce L484
Description  MAGNETIC PICKUP IGNITION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L484 Fiches technique(HTML) 2 Page - STMicroelectronics

  L484 Datasheet HTML 1Page - STMicroelectronics L484 Datasheet HTML 2Page - STMicroelectronics L484 Datasheet HTML 3Page - STMicroelectronics L484 Datasheet HTML 4Page - STMicroelectronics L484 Datasheet HTML 5Page - STMicroelectronics L484 Datasheet HTML 6Page - STMicroelectronics L484 Datasheet HTML 7Page - STMicroelectronics L484 Datasheet HTML 8Page - STMicroelectronics L484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VR
Reverse Battery Voltage
– 14
V
VD
Dump Voltage
100
V
Ptot
Power Dissipation at Tamb = 90
°C
0.75
W
Tj, Tstg
Junction and Storage Temperature Range
– 55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient (DIP16)
Max
80
°C/W
Rth j-al
Thermal Resistance Junction-alumina (SO16)
Max
50
°C/W
PIN CONNECTION
L484
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11