Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4620 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce L4620
Description  LIQUID LEVEL ALARM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4620 Fiches technique(HTML) 2 Page - STMicroelectronics

  L4620 Datasheet HTML 1Page - STMicroelectronics L4620 Datasheet HTML 2Page - STMicroelectronics L4620 Datasheet HTML 3Page - STMicroelectronics L4620 Datasheet HTML 4Page - STMicroelectronics L4620 Datasheet HTML 5Page - STMicroelectronics L4620 Datasheet HTML 6Page - STMicroelectronics L4620 Datasheet HTML 7Page - STMicroelectronics L4620 Datasheet HTML 8Page - STMicroelectronics L4620 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IS
Supply Current (VS >VZ)
200
mA
V3
Sensor Input Voltage (V2 High)
7
V
Iout
Output Current
500
mA
Ptot
Power Dissipation at Tamb =70
°C
0.8
W
Tj,Tstg
Junction and Storage Temperature Range
– 55 to 150
°C
PIN CONNECTION (top view)
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max
100
°C/W
L4620
2/9



Html Pages

1 2 3 4 5 6 7 8 9