Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

103-3X Fiches technique(PDF) 2 Page - Apex Electronics Co., Ltd

No de pièce 103-3X
Description  Slotted Bits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Site Internet  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

103-3X Fiches technique(HTML) 2 Page - Apex Electronics Co., Ltd

  103-3X Datasheet HTML 1Page - Apex Electronics Co., Ltd 103-3X Datasheet HTML 2Page - Apex Electronics Co., Ltd 103-3X Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8
Slotted Bits
Blade Width/
Part
Screw
Length
Blade Thickness
Body Diameter
Number
Size
In.
mm
In.
mm
In.
mm
309-000X
1F-2R
1 1/2
38
.022
.56
.125
3.18
309-00X
2F-3R
1 1/2
38
.026
.66
.140
3.56
309-1X•
4F-5R
1 1/2
38
.034
.86
.187
4.75
309-2X•
5F-6R
1 1/2
38
.036
.91
.225
5.72
309-3X•
6F-7R
1 1/2
38
.038
.97
.250
6.35
309-4X•
7F-8R
1 1/2
38
.040
1.02
.285
7.24
309-5X
8F-10R
1 1/2
38
.042
1.07
.296
7.52
309-6X
10F-12R
1 1/2
38
.046
1.17
.315
8.00
309-8X
14F-16R
1 1/2
38
.055
1.40
.361
9.17
Blade Width/
Part
Screw
Length
Blade Thickness
Body Diameter
Number
Size
In.
mm
In.
mm
In.
mm
103-00X
2F-3R
1 1/2
38
.026
.66
.140
3.56
103-1X
4F-5R
1 1/2
38
.034
.86
.187
4.75
103-2X
5F-6R
1 1/2
38
.036
.91
.225
5.72
103-3X
6F-7R
1 1/2
38
.038
.97
.250
6.35
103-4X
7F-8R
1 1/2
38
.040
1.02
.275
7.24
103-5X
8F-10R
1 1/2
38
.042
1.07
.296
7.52
103-6X
10F-12R
1 1/2
38
.046
1.17
.309
7.85
Blade Width/
Part
Screw
Length
Blade Thickness
Body Diameter
Number
Size
In.
mm
In.
mm
In.
mm
635-6X
10F-12R
2 1/4
57
.046
1.17
.360
9.14
635-7X
12F-14R
2 1/4
57
.050
1.27
.395
10.03
635-8X
14F-16R
2 1/4
57
.055
1.40
.457
11.61
635-9X
16F-20R
2 1/4
57
.060
1.52
.503
12.78
635-10X
20F-22R
2 1/4
57
.062
1.57
.545
13.84
1/4”-24
Screw Shank Drive
5/16” Hex Power Drive
10-32 Screw Shank Drive
• Indicates a commonly requested item that is either in stock or has a max typical leadtime of 4 weeks from the factory. No minimum on these items.
If the tool you need does not appear in this catalog, give us a
call. The odds are, we may have what you need as a non-
catalog item. If not, our experienced staff of tooling experts
can design and manufacture “specials” to meet the needs of
your specific application. Give us a call at 1-800-845-5629 or
visit our website www.apex-tools.com.



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com