| Moteur de recherche de fiches techniques de composants électroniques |
|
XISO6442DFPR Fiches technique(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6442DFPR Fiches technique(HTML) 37 Page - Texas Instruments |
|
37 / 56 page ![]() www.ti.com EXAMPLE BOARD LAYOUT (9.85) R0.05 TYP 0.07 MAX ALL AROUND 0.07 MIN ALL AROUND (9.3) 14X (1.27) R0.05 TYP 16X (1.65) 16X (0.6) 14X (1.27) (8.2) 16X (2) 16X (0.6) (7.3) 4231632/A 02/2025 SYMM SOIC - 2.55 mm max height DW0016C-C01 SMALL OUTLINE INTEGRATED CIRCUIT SYMM SEE DETAILS 1 8 9 16 SYMM HV / ISOLATION OPTION 8.2 mm CLEARANCE/CREEPAGE NOTES: (continued) 6. Publication IPC-7351 may have alternate designs. 7. Solder mask tolerances between and around signal pads can vary based on board fabrication site. METAL SOLDER MASK OPENING NON SOLDER MASK DEFINED SOLDER MASK DETAILS EXPOSED METAL OPENING SOLDER MASK METAL SOLDER MASK DEFINED EXPOSED METAL EXPOSED METAL SHOWN LAND PATTERN EXAMPLE SCALE:4X SYMM 1 8 9 16 IPC-7351 NOMINAL 7.3 mm CLEARANCE/CREEPAGE SEE DETAILS www.ti.com ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 37 Product Folder Links: ISO6440 ISO6441 ISO6442 |