| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6441FDFPR Fiches technique(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6441FDFPR Fiches technique(HTML) 55 Page - Texas Instruments |
|
55 / 56 page ![]() www.ti.com EXAMPLE STENCIL DESIGN 16X (.063) [1.6] 16X (.016 ) [0.41] 14X (.0250 ) [0.635] (.213) [5.4] SSOP - 1.75 mm max height DBQ0016A SHRINK SMALL-OUTLINE PACKAGE 4214846/A 03/2014 NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SOLDER PASTE EXAMPLE BASED ON .005 INCH [0.127 MM] THICK STENCIL SCALE:8X SYMM SYMM 1 8 9 16 |