| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6441DFPR Fiches technique(PDF) 44 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6441DFPR Fiches technique(HTML) 44 Page - Texas Instruments |
|
44 / 56 page ![]() www.ti.com EXAMPLE STENCIL DESIGN 16X (.063) [1.6] 16X (.016 ) [0.41] 14X (.0250 ) [0.635] (.213) [5.4] SHRINK SMALL-OUTLINE PACKAGE SSOP - 1.75 mm max height DBQ0016A 4214846/A 03/2014 NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SOLDER PASTE EXAMPLE BASED ON .005 INCH [0.127 MM] THICK STENCIL SCALE:8X SYMM SYMM 1 8 9 16 ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 www.ti.com 44 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: ISO6440 ISO6441 ISO6442 |