| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6440FDFPR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6440FDFPR Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 56 page ![]() 4 Device Comparison Table 4-1. Device Comparison Table DEVICE NAME TOTAL CHANNELS REVERSE CHANNELS DEFAULT OUTPUT PACKAGE CREEPAGE & CLEARANCE VDE RATING UL VISO CMTI ISO6440DWR 4 0 HIGH Wide-SOIC (DW-16) >8.15mm Reinforced 5000VRMS ±200kV/μs minimum ISO6440FDWR LOW ISO6441DWR 1 HIGH ISO6441FDWR LOW ISO6442DWR 2 HIGH ISO6442FDWR LOW ISO6440DFPR 4 0 HIGH Wide-SSOP (DFP-16) >8mm Reinforced 5000VRMS ±200kV/μs minimum ISO6440FDFPR LOW ISO6441DFPR 1 HIGH ISO6441FDFPR LOW ISO6442DFPR 2 HIGH ISO6442FDFPR LOW ISO6440DBQR 4 0 HIGH SSOP (DBQ-16) >3.7mm Basic 3000VRMS ±100kV/μs minimum ISO6440FDBQR LOW ISO6441DBQR 1 HIGH ISO6441FDBQR LOW ISO6442DBQR 2 HIGH ISO6442FDBQR LOW ISO64 Xx Y PKG R Package Designator D = SOIC DBQ = SSOP DFP = Wide-SSOP DW = Wide-SOIC DWV = Wide-SOIC Tape & Reel Y = Default Output Level: Y = Blank (no su x) for default output HIGH Y = F for default output LOW X = Total number of channels x = Number of reverse channels Digital Isola on Family Figure 4-1. Device Nomenclature www.ti.com ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 3 Product Folder Links: ISO6440 ISO6441 ISO6442 |