| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6441FDWR Fiches technique(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6441FDWR Fiches technique(HTML) 52 Page - Texas Instruments |
|
52 / 56 page ![]() www.ti.com EXAMPLE STENCIL DESIGN R0.05 TYP R0.05 TYP 16X (1.65) 16X (0.6) 14X (1.27) (9.75) 16X (2) 16X (0.6) 14X (1.27) (9.3) 4221009/B 07/2016 SOIC - 2.65 mm max height DW0016B SOIC NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SYMM SYMM 1 8 9 16 HV / ISOLATION OPTION 8.1 mm CLEARANCE/CREEPAGE SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL SCALE:4X SYMM SYMM 1 8 9 16 IPC-7351 NOMINAL 7.3 mm CLEARANCE/CREEPAGE |