| Moteur de recherche de fiches techniques de composants électroniques |
|
CPR30-USB Fiches technique(PDF) 1 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CPR30-USB Fiches technique(HTML) 1 Page - OSRAM GmbH |
|
1 / 3 page ![]() Product datasheet CPR30 -USB CPR30-USB | NFC Programming Interfaces Product family features _ Standard USB interface _ Wireless programming of OPTOTRONIC devices with the NFC interface _ Programming without applying mains voltage to the OPTOTRONIC driver __ July 11, 2023, 08:25:49 © 2023, Inventronics GmbH. All rights reserved. Inventronics is a licensee of the OSRAM brand. OSRAM is a trademark of ams OSRAM. CPR30 -USB Page 1 of 3 |
Numéro de pièce similaire - CPR30-USB |
|
Description similaire - CPR30-USB |