Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF7115SB Fiches technique(PDF) 21 Page - RF Micro Devices

No de pièce RF7115SB
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115SB Fiches technique(HTML) 21 Page - RF Micro Devices

Back Button RF7115SB Datasheet HTML 14Page - RF Micro Devices RF7115SB Datasheet HTML 15Page - RF Micro Devices RF7115SB Datasheet HTML 16Page - RF Micro Devices RF7115SB Datasheet HTML 17Page - RF Micro Devices RF7115SB Datasheet HTML 18Page - RF Micro Devices RF7115SB Datasheet HTML 19Page - RF Micro Devices RF7115SB Datasheet HTML 20Page - RF Micro Devices RF7115SB Datasheet HTML 21Page - RF Micro Devices RF7115SB Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21 of 22
RF7115
Rev A0 DS060808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns for RFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern shown
has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to accommodate
lead and package tolerances. Since surface mount processes vary from company to company, careful process development is
recommended.
PCB Metal Land and Solder Mask Pattern
Ordering Information
RF7115Quad-Band GSM850/GSM900/DCS/PCS Transmit Module
RF7115SB
Power Amp Module 5-Piece Sample Pack blaPower Amp Module 5-Piece Sample Pack blaPower Amp
Module 5-Piece Sample Pack bla
RF7115PCBA-41X
Fully Assembled Evaluation Board
Dimensions in mm.
A = 0.65 Sq. Typ.
B = 2.65 x 2.62
C = 2.05 x 2.25
D = 2.05 x 2.62
E = 2.05 x 2.12
Solder Mask Pattern
A
C
D
B
A
A
E
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
0.00
0.49
0.80 Typ.
1.60 Typ.
2.40 Typ.
3.20 Typ.
4.00 Typ.
4.80 Typ.
5.60 Typ.
6.40 Typ.
7.20 Typ.
6.73
0.86
1.92 Typ.
6.27
3.53 Typ.
5.15 Typ.
7.40 Typ.
A = 0.50 Sq. Typ.
Metal Land Pattern
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
7.45 Typ.
6.81
3.75
0.25
0.00
0.42
5.60
6.40
4.80
4.00
0.80 Typ.
1.60 Typ.
2.40 Typ.
3.20 Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22