Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HBLC24CI Fiches technique(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

No de pièce HBLC24CI
Description  Bi-directional Ultra Low Capacitance TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Site Internet  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HBLC24CI Fiches technique(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HBLC24CI Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HBLC24CI Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HBLC24CI Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HBLC24CI Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transient protection for high-speed data lines
IEC 61000-4-2 (ESD)
±30kV (Contact)
±30kV (Air)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
Protects one I/O line (bidirectional)
Working voltages : 3V, 5V, 8V, 12V, 15V, 18V,
20V,24V,36V
Low clamping voltage
Low leakage current
Response time is < 1 ns
MACHANICAL DATA
SOD-323 package
Flammability Rating: UL 94V-0
Packaging: Tape and Reel
High temperature soldering guaranteed:
260℃/10s
Reel size: 7 inch
MSL1
ORDERING INFORMATION
APPLICATIONS
Device: HBLCxxCI
Package: SOD-323
Material: Halogen free
Packing: Tape & Reel
Quantity per reel: 3,000pcs
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Peripherals
USB Interface
PIN CONFIGURATION
PACKAGE OUTLINE
+86-769-22857832
huixin@hxkj.hk
Rev. 1.0
Page 1 of 4
HBLCxxCI Series
Bi-directional Ultra Low Capacitance TVS Array
DESCRIPTION
FEATURES
The HBLCxxCI Series are ultra low capacitance
transient voltage suppressor arrays, designed to
protect applications such as portable electronics
and SMART phones. This series is available in
both unidirectional and bidirectional configurations
and is rated at 350 Watts for an 8/20μs wave
shape.
The HBLCxxCI and Series meets IEC 61000-4-2
(ESD) and IEC 61000-4-4 (EFT) requirements. At
higher operating frequencies or faster edge rates,
insertion loss and signal integrity are a major
concern. This series offers a ultra low capacitance
and low leakage current in a miniature SOD-323
package.


Numéro de pièce similaire - HBLC24CI

FabricantNo de pièceFiches techniqueDescription
logo
Dialight Corporation
HBLC4M-EU DIALIGHT-HBLC4M-EU Datasheet
339Kb / 2P
DuroSite Series LED High Bay Luminaire
logo
Hubbell Incorporated.
HBLCSCK HUBBELL-HBLCSCK Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
More results

Description similaire - HBLC24CI

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
LC15CI LEIDITECH-LC15CI Datasheet
132Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
LC3304EP8_V1 LEIDITECH-LC3304EP8_V1 Datasheet
426Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4 LEIDITECH-SLVU2.8-4_V01 Datasheet
406Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4L LEIDITECH-SLVU2.8-4L Datasheet
858Kb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
SHIKUES Electronics
GBLCXXCI SKTECHNOLGY-GBLCXXCI Datasheet
1Mb / 2P
Bi-directional Ultra Low Capacitance TVS Array
logo
Shanghai Leiditech Elec...
LC12CIH LEIDITECH-LC12CIH Datasheet
375Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
LC36CI LEIDITECH-LC36CI Datasheet
374Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
UDD32C24L01 LEIDITECH-UDD32C24L01 Datasheet
390Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
ULC03CTN LEIDITECH-ULC03CTN Datasheet
1Mb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com