| Moteur de recherche de fiches techniques de composants électroniques |
|
L294 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L294 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() L294 SWITCH-MODE SOLENOID DRIVER October 1991 HIGH VOLTAGE OPERATION (UP TO 50V) HIGHOUTPUTCURRENTCAPABILITY(UPTO4A) LOW SATURATION VOLTAGE TTL-COMPATIBLE INPUT OUTPUT SHORT CIRCUIT PROTECTION (TO GROUND, TO SUPPLY AND ACROSS THE LOAD) THERMAL SHUTDOWN OVERDRIVING PROTECTION LATCHED DIAGNOSTIC OUTPUT DESCRIPTION The L294 is a monolithic switched mode solenoid driver designed for fast, high current applications such as hummer and needle driving in printers and electronic typewriters. Power dissipation is re- duced by efficient switchmode operation. An extra BLOCK DIAGRAM feature of the L294 is a latched diagnostic output which indicates when the output is short circuited. The L294 is supplied in a 11-lead Multiwatt® plas- tic power package. Multiwatt 11 ORDER CODE : L294 1/8 |
Numéro de pièce similaire - L294 |
|
Description similaire - L294 |