Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P2P2016 Fiches technique(PDF) 2 Page - nVent Electric plc

No de pièce P2P2016
Description  Full Subpanel (Rear or Si de)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NVENT [nVent Electric plc]
Site Internet  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2P2016 Fiches technique(HTML) 2 Page - nVent Electric plc

  P2P2016 Datasheet HTML 1Page - nVent Electric plc P2P2016 Datasheet HTML 2Page - nVent Electric plc P2P2016 Datasheet HTML 3Page - nVent Electric plc P2P2016 Datasheet HTML 4Page - nVent Electric plc P2P2016 Datasheet HTML 5Page - nVent Electric plc P2P2016 Datasheet HTML 6Page - nVent Electric plc P2P2016 Datasheet HTML 7Page - nVent Electric plc P2P2016 Datasheet HTML 8Page - nVent Electric plc P2P2016 Datasheet HTML 9Page - nVent Electric plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PROLINE G2 INtERNaL COmPONENts Panels and accessories
PH 763.422.2211
nVent.com/HOFFMAN
mOduLaR ENCLOsuRE sOLutIONs
2
Spec-01198 D
Standard Product
 Rear mount
Catalog Number
H (mm)
H (in.)
W (mm)
W (in.)
Gauge
Fits Frame H x W (mm)
Description
P2P66
506
19.9
528
20.8
12
600x600
Painted
P2P66G
506
19.9
528
20.8
12
600x600
Conductive
P2P68
506
19.9
728
28.7
12
600x800
Painted
P2P68G
506
19.9
728
28.7
12
600x800
Conductive
P2P86
706
27.8
528
20.8
12
800x600
Painted
P2P86G
706
27.8
528
20.8
12
800x600
Conductive
P2P88
706
27.8
728
28.7
12
800x800
Painted
P2P88G
706
27.8
728
28.7
12
800x800
Conductive
P2P106
906
35.7
528
20.8
12
1000x600
Painted
P2P106G
906
35.7
528
20.8
12
1000x600
Conductive
P2P108
906
35.7
728
28.7
12
1000x800
Painted
P2P108G
906
35.7
728
28.7
12
1000x800
Conductive
P2P1012
906
35.7
1128
44.4
10
1000x1200
Painted
P2P1012G
906
35.7
1128
44.4
10
1000x1200
Conductive
P2P126
1106
43.6
528
20.8
12
1200x600
Painted
P2P126G
1106
43.6
528
20.8
12
1200x600
Conductive
P2P128
1106
43.6
728
28.7
12
1200x800
Painted
P2P128G
1106
43.6
728
28.7
12
1200x800
Conductive
P2P1212
1106
43.6
1128
44.4
10
1200x1200
Painted
P2P1212G
1106
43.6
1128
44.4
10
1200x1200
Conductive
P2P146
1306
51.4
528
20.8
12
1400x600
Painted
P2P146G
1306
51.4
528
20.8
12
1400x600
Conductive
P2P148
1306
51.4
728
28.7
12
1400x800
Painted
P2P148G
1306
51.4
728
28.7
12
1400x800
Conductive
P2P1412
1306
51.4
1128
44.4
10
1400x1200
Painted
P2P1412G
1306
51.4
1128
44.4
10
1400x1200
Conductive
P2P166
1506
59.3
528
20.8
12
1600x600
Painted
P2P166G
1506
59.3
528
20.8
12
1600x600
Conductive
P2P168
1506
59.3
728
28.7
12
1600x800
Painted
P2P168G
1506
59.3
728
28.7
12
1600x800
Conductive
P2P1610
1506
59.3
928
36.5
12
1600x1000
Painted
P2P1610G
1506
59.3
928
36.5
12
1600x1000
Conductive
P2P1612
1506
59.3
1128
44.4
10
1600x1200
Painted
P2P1612G
1506
59.3
1128
44.4
10
1600x1200
Conductive
P2P1616
1506
59.3
1528
60.2
10
1600x1600
Painted
P2P1616G
1506
59.3
1528
60.2
10
1600x1600
Conductive
P2P184
1706
67.2
328
12.9
12
1800x400
Painted
P2P184G
1706
67.2
328
12.9
12
1800x400
Conductive
P2P186
1706
67.2
528
20.8
12
1800x600
Painted
P2P186G
1706
67.2
528
20.8
12
1800x600
Conductive
P2P188
1706
67.2
728
28.7
12
1800x800
Painted
P2P188G
1706
67.2
728
28.7
12
1800x800
Conductive
P2P1810
1706
67.2
928
36.5
12
1800x1000
Painted
P2P1810G
1706
67.2
928
36.5
12
1800x1000
Conductive
P2P1812
1706
67.2
1128
44.4
10
1800x1200
Painted
P2P1812G
1706
67.2
1128
44.4
10
1800x1200
Conductive
P2P1816
1706
67.2
1528
60.2
10
1800x1600
Painted
P2P1816G
1706
67.2
1528
60.2
10
1800x1600
Conductive
P2P1818
1706
67.2
1728
68.0
10
1800x1800
Painted
P2P1818G
1706
67.2
1728
68.0
10
1800x1800
Conductive
P2P204
1906
75.1
328
12.9
12
2000x400
Painted
P2P204G
1906
75.1
328
12.9
12
2000x400
Conductive
P2P206
1906
75.1
528
20.8
12
2000x600
Painted
P2P206G
1906
75.1
528
20.8
12
2000x600
Conductive
P2P208
1906
75.1
728
28.7
12
2000x800
Painted
P2P208G
1906
75.1
728
28.7
12
2000x800
Conductive
P2P2010
1906
75.1
928
36.5
12
2000x1000
Painted
P2P2010G
1906
75.1
928
36.5
12
2000x1000
Conductive
P2P2012
1906
75.1
1128
44.4
10
2000x1200
Painted
P2P2012G
1906
75.1
1128
44.4
10
2000x1200
Conductive
P2P2016
1906
75.1
1528
60.2
10
2000x1600
Painted
P2P2016G
1906
75.1
1528
60.2
10
2000x1600
Conductive
P2P2018
1906
75.1
1728
68.0
10
2000x1800
Painted
P2P2018G
1906
75.1
1728
68.0
10
2000x1800
Conductive
P2P226
2106
82.9
528
20.8
12
2200x600
Painted
P2P226G
2106
82.9
528
20.8
12
2200x600
Conductive
P2P228
2106
82.9
728
28.7
12
2200x800
Painted
P2P228G
2106
82.9
728
28.7
12
2200x800
Conductive
P2P2210
2106
82.9
928
36.5
12
2200x1000
Painted
P2P2210G
2106
82.9
928
36.5
12
2200x1000
Conductive
P2P2212
2106
82.9
1128
44.4
10
2200x1200
Painted
P2P2212G
2106
82.9
1128
44.4
10
2200x1200
Conductive
P2P2216
2106
82.9
1528
60.2
10
2200x1600
Painted
P2P2216G
2106
82.9
1528
60.2
10
2200x1600
Conductive
P2P2218
2106
82.9
1728
68.0
10
2200x1800
Painted
P2P2218G
2106
82.9
1728
68.0
10
2200x1800
Conductive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12