Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX75303 Fiches technique(PDF) 2 Page - Melexis Microelectronic Systems

No de pièce MLX75303
Description  Optical Schmitt Trigger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75303 Fiches technique(HTML) 2 Page - Melexis Microelectronic Systems

  MLX75303 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX75303 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MLX75303
Optical Schmitt Trigger
3901075303xx
Page 2 of 12
Data Sheet
Rev. xxx
July/07
1
Functional Diagram
2
General Description
The MLX75303 is a CMOS integrated optical Schmitt trigger sensor with an integrated photodiode. The
sensor is intended for automotive applications wherein infrared LEDs are used.
The MLX75303 block diagram is shown in Section 1 and contains following blocks: a trans impedance
amplifier to convert and amplify the photocurrent of the photodiode, a voltage reference, a Schmitt trigger and
an open drain output stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12