| Moteur de recherche de fiches techniques de composants électroniques |
|
MLX90609 Fiches technique(PDF) 2 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90609 Fiches technique(HTML) 2 Page - Melexis Microelectronic Systems |
|
2 / 22 page ![]() MLX90609 Angular Rate Sensor (Standard version) 390109060901 Page 2 of 22 Data Sheet Rev 008 February/08 Table of Contents 1. Maximum Ratings ............................................................................................................ 3 2. Pin Definitions and Descriptions ...................................................................................... 4 3. MLX90609 General Electrical Specifications ................................................................... 5 4. MLX90609 Sensor Specific Specifications....................................................................... 6 5. Detailed Description......................................................................................................... 8 5.1 The Working Principle ................................................................................................. 8 5.2 Communication with the MLX90609 through the SPI.................................................. 9 5.3 Usage of the ADC ..................................................................................................... 12 5.3.1 ADC Instructions and Answers ........................................................................... 13 • The Refusal Answer...................................................................................... 13 • Command of the Status Reading (STATR) ................................................... 13 • Command of the ADC Control (ADCC) ......................................................... 13 • Command of the ADC Reading (ADCR) ....................................................... 13 5.3.2 Reading the Digital Angular Rate or Temperature (suggested procedure) ......... 14 6. Applications Examples ................................................................................................... 15 7. Standard Information Regarding Manufacturability of Melexis Products with Different Soldering Processes .......................................................................................................... 18 8. ESD Precautions............................................................................................................ 18 9. Package Information ...................................................................................................... 19 10. Glossary of Terms........................................................................................................ 20 11. Disclaimer .................................................................................................................... 22 |