| Moteur de recherche de fiches techniques de composants électroniques |
|
PS1313 Fiches technique(PDF) 4 Page - Power IC Ltd. |
|
|
|||||||||||||||||||||||||||||
PS1313 Fiches technique(HTML) 4 Page - Power IC Ltd. |
|
4 / 9 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VSW DC Voltage at Pin 1 -0.5 to +28 V VEN Enable Input Voltage at Pin 2 -0.3 to +6.0 V PD Continuous Power Dissipation Internally limited W TSTG Storage Temperature Range -65 to +150 °C RθJA Thermal Resistance, Junction-To-Air 235 °C /W TJ,MAX Operating Junction Temperature -40 to +125 °C TL Lead Temperature (Soldering, 5sec) 260 °C PS1313 ESD ESD Capability, HBM model 2.0 kV RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VIN DC Supply Voltage at Pin 1 +2.5 to 6 V VEN Enable Input Voltage at Pin 2 0 to VIN V TJ Operating Junction Temperature -40 to +125 °C July 2007 www.picsemi.com © 2007 Power IC. All Rights Reserved. 4 |