Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WL Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STM32WL
Description  STM32WL3x Nucleo-64 boards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL Fiches technique(HTML) 4 Page - STMicroelectronics

  STM32WL Datasheet HTML 1Page - STMicroelectronics STM32WL Datasheet HTML 2Page - STMicroelectronics STM32WL Datasheet HTML 3Page - STMicroelectronics STM32WL Datasheet HTML 4Page - STMicroelectronics STM32WL Datasheet HTML 5Page - STMicroelectronics STM32WL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2
Development environment
STM32 32-bit microcontrollers are based on the Arm® Cortex®-M processor.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
2.1
System requirements
•
Multi
‑OS support: Windows® 10, Linux® 64-bit, or macOS®
•
USB Type-A or USB Type-C® to USB Type-C® cable
Note:
macOS® is a trademark of Apple Inc., registered in the U.S. and other countries and regions.
Linux® is a registered trademark of Linus Torvalds.
Windows is a trademark of the Microsoft group of companies.
2.2
Development toolchains
•
IAR Systems® - IAR Embedded Workbench®(1)
•
Keil® - MDK-ARM(1)
•
STMicroelectronics - STM32CubeIDE
1. On Windows® only.
NUCLEO-WL33CC1 NUCLEO-WL33CC2
Development environment
DB5352 - Rev 2
page 4/6



Html Pages

1 2 3 4 5 6