| Moteur de recherche de fiches techniques de composants électroniques |
|
MB1801 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MB1801 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 6 page ![]() 2 Development environment STM32 32-bit microcontrollers are based on the Arm® Cortex®-M processor. Note: Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. 2.1 System requirements • Multi ‑OS support: Windows® 10, Linux® 64-bit, or macOS® • USB Type-A or USB Type-C® to USB Type-C® cable Note: macOS® is a trademark of Apple Inc., registered in the U.S. and other countries and regions. Linux® is a registered trademark of Linus Torvalds. Windows is a trademark of the Microsoft group of companies. 2.2 Development toolchains • IAR Systems® - IAR Embedded Workbench®(1) • Keil® - MDK-ARM(1) • STMicroelectronics - STM32CubeIDE 1. On Windows® only. NUCLEO-WL33CC1 NUCLEO-WL33CC2 Development environment DB5352 - Rev 2 page 4/6 |