| Moteur de recherche de fiches techniques de composants électroniques |
|
R3K Fiches technique(PDF) 2 Page - Omega Engineering, Inc. |
|
|
|||||||||||||||||||||||||||||
R3K Fiches technique(HTML) 2 Page - Omega Engineering, Inc. |
|
2 / 3 page ![]() D-33 PHEH-65-10 without ATC assembled Coaxial Cable 116 (4.55) 76 (3) BNC Receptacle FKM O-Rings EPR Gasket Porous HDPE Junction Protective Bump x4 pH Glass Ø 23 (0.90) 21 (0.83) 62 (2.45) OR PHE-6510B, ORE-6510B ½ NPT Platinum 0.51 (0.020 OD) Sealed in Glass ½" Coupler and Extension Pipe (User Supplied) Dimple x4 for Grip PHEH-65-10-(*) with ATC assembled BNC Receptacle FKM O-Rings EPR Gasket Porous HDPE Junction Protective Bump x4 pH Glass Ø 23 (0.90) 70 (2.75) Ø 33 (1.30) 127 (5) 76 (3) ½ NPT OR PHE-6510B, ORE-6510B Platinum 0.51 (0.020 OD) Sealed in Glass ½" Coupler and Extension Pipe (User Supplied) Titanium Ground Lug Temperature Sensor Inside Dimensions: mm (inch) Dimensions: mm (inch) |