Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80C52 Fiches technique(PDF) 23 Page - Intel Corporation

No de pièce 80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80C52 Fiches technique(HTML) 23 Page - Intel Corporation

Back Button 80C52 Datasheet HTML 15Page - Intel Corporation 80C52 Datasheet HTML 16Page - Intel Corporation 80C52 Datasheet HTML 17Page - Intel Corporation 80C52 Datasheet HTML 18Page - Intel Corporation 80C52 Datasheet HTML 19Page - Intel Corporation 80C52 Datasheet HTML 20Page - Intel Corporation 80C52 Datasheet HTML 21Page - Intel Corporation 80C52 Datasheet HTML 22Page - Intel Corporation 80C52 Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
8XC525458
EPROM PROGRAMMING AND VERIFICATION WAVEFORMS
272336 – 23
5 pulses for the EPROM array 25 pulses for the encryption table and lock bits
Thermal Impedance
All thermal impedance data is approximate for static
air conditions at 1W of power dissipation Values will
change depending on operating conditions and ap-
plications See the Intel Packaging Handbook (Order
Number 240800) for a description of Intel’s thermal
impedance test methodology
Package
iJA
iJC
Device
P45 CW
16 CW
All
D45 CW
15 CW
All
N46 CW
16 CW
All
S87 CW
18 CW
52
96 CW
24 CW
54
90 CW
22 CW
58
DATA SHEET REVISION HISTORY
Data sheets are changed as new device information
becomes available Verify with your local Intel sales
office that you have the latest version before finaliz-
ing a design or ordering devices
The following differences exist between this data-
sheet (272336-003) and the previous version
(272336-002)
1 Removed 8XC5X-3 and 8XC5X-20 from the data
sheet
2 Included 8XC5X-24 and 8XC5X-33 devices
3 Removed the statement ‘‘The 80C32 standard -1
and -2 and 80C52 standard -1 and -2 do not
have the
’’ from the section DESIGN CONSID-
ERATION
The following differences exist between this data-
sheet (272336-002) and the previous version
(272336-001)
1 Removed 8XC5X-L from the data sheet
2 Included features not available in 80C32-Stan-
dard -1 and -2 and 80C52-Standard -1 and -2
devices
This 8XC5X datasheet (272336-001) replaces the
following datasheets
87C5280C5280C32
270757-003
87C5280C5280C32 EXPRESS
270868-002
87C52-2080C52-2080C32-20
272272-001
87C5480C54
270816-004
87C5480C54 EXPRESS
270901-001
87C54-20-3 80C54-20-3
270941-003
87C5480C58
270900-003
87C5880C58 EXPRESS
270902-001
87C58-20-3 80C58-20-3
272029-002
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23