| Moteur de recherche de fiches techniques de composants électroniques |
|
303 Fiches technique(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
303 Fiches technique(HTML) 3 Page - 3M Electronics |
|
3 / 4 page ![]() 3M™ Low Profile Header .100” × .100” Straight and Right Angle, Four-Wall 303 Series 3 Electronic Solutions Division Interconnect Solutions www.3Mconnectors.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 TS-0818-C Sheet 3 of 3 Ordering Information 303XX - 5002HB (RIAE1andC1apply) HB - Gold Flash .41 [10.4] Max Dim to Edge of PCB for Bussing Position 1 .400 [10.16] Min End Stackable Distance .100 ± .003 [2.54] .100 ± .003 [2.54] Recommended P.C. Board Hole Pattern ø .040 ± .003 [ 0.10 ] ( Shown for mounting side of board ) A ± .02 B Position 1 .256 ± .008 [ 6.50 ] .33 [ 8.4 ] .025 ± .002 Sq Ref [0.64] .100 Ref [2.54] .25 [6.4] .110 ± .008 [ 2.79 ] .236 ± .008 [ 5.99 ] Section A-A .16 [4.11 ø.365 ± .010 [ 9.3 ] .27 [6.86 ] Position 1 Orientation Triangle A A .100 Ref [2.54] .015 [ 0.381 ] .108 [ 2.74 ] .100 Ref [2.54] .015 [ 0.38 ] .056 ± .008 [ 14.2 ] Position 2 Pin Quantity: (See Table 1) Inch [mm] ±.005 ±.1 ±.01 Tolerance Unless Noted .0 .00 .000 Inch [ ] Dimensions for Reference only Note 1: No ejector/latch option available. Table 1 Pin Quantity Dimensions A B 06 .60 [ 15.2 ] .51 [ 12.9 ] 08 .70 [ 17.8 ] .61 [ 15.5 ] 10 .80 [ 20.3 ] .71 [ 18.0 ] 14 1.00 [ 25.4 ] .91 [ 23.1 ] 16 1.10 [ 27.9 ] 1.01 [ 25.6 ] 20 1.30 [ 33.0 ] 1.21 [ 30.7 ] 26 1.60 [ 40.6 ] 1.51 [ 38.4 ] 34 2.00 [ 50.8 ] 1.91 [ 48.5 ] 36 2.10 [ 53.6 ] 2.01 [ 51.0 ] 40 2.30 [ 58.4 ] 2.21 [ 56.1 ] 50 2.80 [ 71.1 ] 2.71 [ 68.8 ] Right Angle |