| Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4556BC1 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4556BC1 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 14 page ![]() APPLICATIONS (continued) 1 of 16 Decoder using HCC/HCF4555B and HCC/HCF4556B HCC/HCF4555B Input to Q3 Output Dynamic Signal Waveforms HCC/HCF4556B Input to Q3 Output Dynamic Signal Waveforms X = Don’t care. TRUT H TABLE Inputs Q Outputs E D C B A 0 1 2 3 4 5 6 7 8 9 1 0 1 112 131 4 1 5 0 0 0 0 0 10000 0 0 0 0 0 0 00000 0 0 0 0 1 01000 0 0 0 0 0 0 00000 0 0 0 1 0 00100 0 0 0 0 0 0 00000 0 0 0 1 1 00010 0 0 0 0 0 0 00000 0 0 1 0 0 00001 0 0 0 0 0 0 00000 0 0 1 0 1 00000 1 0 0 0 0 0 00000 0 0 1 1 0 00000 0 1 0 0 0 0 00000 0 0 1 1 1 00000 0 0 1 0 0 0 00000 0 1 0 0 0 00000 0 0 0 1 0 0 00000 0 1 0 0 1 00000 0 0 0 0 1 0 00000 0 1 0 1 0 00000 0 0 0 0 0 1 00000 0 1 0 1 1 00000 0 0 0 0 0 0 10000 0 1 1 0 0 00000 0 0 0 0 0 0 01000 0 1 1 0 1 00000 0 0 0 0 0 0 00100 0 1 1 1 0 00000 0 0 0 0 0 0 00010 0 1 1 1 1 00000 0 0 0 0 0 0 00001 1 X X X X 00000 0 0 0 0 0 0 00000 HCC/HCF4555B/4556B 8/14 |