| Moteur de recherche de fiches techniques de composants électroniques |
|
IMSC011 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IMSC011 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 30 page ![]() IMS C011 /30 28 8.5 Thermal specification The IMS C011 is tested to a maximum silicon temperature of 100 _C. For operation within the given specifi- cations, the case temperature should not exceed 85 _C. For temperatures above 85 _C the operation of the device cannot be guaranteed and reliability may be impaired. For further information on reliability refer to the SGS–THOMSON Microelectronics Quality and Reliability Program. |