Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMSA110 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 18Page - STMicroelectronics IMSA110 Datasheet HTML 19Page - STMicroelectronics IMSA110 Datasheet HTML 20Page - STMicroelectronics IMSA110 Datasheet HTML 21Page - STMicroelectronics IMSA110 Datasheet HTML 22Page - STMicroelectronics IMSA110 Datasheet HTML 23Page - STMicroelectronics IMSA110 Datasheet HTML 24Page - STMicroelectronics IMSA110 Datasheet HTML 25Page - STMicroelectronics IMSA110 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
DIM
Millimetres
Inches
Notes
Nom
Tol
Nom
Tol
A
26.924
± 0.254
1.060
± 0.010
B1
17.019
± 0.127
0.670
± 0.005
B2
18.796
± 0.127
0.740
± 0.005
C
2.456
± 0.278
0.097
± 0.011
D
4.572
± 0.127
0.180
± 0.005
E
3.302
± 0.127
0.130
± 0.005
F
0.457
± 0.051
0.018
± 0.002
Pin diameter
G
1.143
± 0.127
0.045
± 0.005
Flange diameter
K
22.860
± 0.127
0.900
± 0.005
L
2.540
± 0.127
0.100
± 0.005
M
0.508
0.020
Chamfer
A
A
index
M
C
D
G
E
F
L
K
L
K
10
9
1
2
3
4
5
6
7
8
A
B
C
D
E
F
G
H
J
K
B1
B2
PACKAGE MECHANICAL DATA
100 PINS - GRID ARRAY PACKAGE
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life
support devices or systems without express written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
IMSA110
26/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26