Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS-B2-02-R-05 Fiches technique(PDF) 3 Page - Datalogic S.p.A.

No de pièce CS-B2-02-R-05
Description  Compact size and high performance for the most challenging detection applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATALOGIC [Datalogic S.p.A.]
Site Internet  https://www.datalogic.com/
Logo DATALOGIC - Datalogic S.p.A.

CS-B2-02-R-05 Fiches technique(HTML) 3 Page - Datalogic S.p.A.

  CS-B2-02-R-05 Datasheet HTML 1Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 2Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 3Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 4Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 5Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 6Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 7Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 8Page - Datalogic S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PLASTIC
METAL
BIAXIAL
PIG-TAIL
COAXIAL
S8...(B/C/F/M/T51)
S8...(T53/U/W)
S8...(M53)
S8…(B/C/M/M53/F)
S8…(T/U/W)
Adjustment trimmer
Teach-in push-button
Trimmer
Adjustment trimmer
Light/Dark trimmer
SET push-button
DIMENSIONS
INDICATOR AND SETTING
A Output status LED
B Ready LED or Power ON LED
C Sensitivity adjustment trimmer
D Dark/light trimmer
E Delay trimmer
F M8 connector
G M12 pig-tail connector
H SET push-button
A
B
D
S8...M / B / C / T01
A
E
H
S8...W / T53
B
C
www.datalogic.com
Compact Sensors - S8



Html Pages

1 2 3 4 5 6 7 8