| Moteur de recherche de fiches techniques de composants électroniques |
|
TLVM13640 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLVM13640 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 43 page ![]() 6.10 Typical Characteristics: VIN = 36 V Refer to Section 8.2 for circuit designs. Output Current (A) 0 0.5 1 1.5 2 2.5 3 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 VOUT, FSW 5.0 V, 1.0 MHz 3.3 V, 800 kHz VLDOIN = VOUT Figure 6-18. Efficiency Output Current (A) 0 0.5 1 1.5 2 2.5 3 0.0 0.6 1.2 1.8 2.4 3.0 VOUT, FSW 5.0 V, 1.0 MHz 3.3 V, 800 kHz VLDOIN = VOUT Figure 6-19. Power Dissipation Output Current (A) 0 0.5 1 1.5 2 2.5 3 8 12 16 20 24 28 32 36 40 VOUT, FSW 5.0 V, 1.0 MHz 3.3 V, 800 kHz COUT = 2 × 47-µF ceramic, 25-V, 1206 case size Figure 6-20. Output Voltage Ripple Output Current (A) 0 0.5 1 1.5 2 2.5 3 25 35 45 55 65 75 85 95 105 115 Airflow 400LFM 200LFM 100LFM Nat conv Device soldered to a 64-mm × 83-mm, 4-layer PCB Figure 6-21. Safe Operating Area VOUT = 3.3 V, FSW = 800 kHz Output Current (A) 0 0.5 1 1.5 2 2.5 3 25 35 45 55 65 75 85 95 105 115 Airflow 400LFM 200LFM 100LFM Nat conv Device soldered to a 64-mm × 83-mm, 4-layer PCB Figure 6-22. Safe Operating Area VOUT = 5.0 V, FSW = 1 MHz www.ti.com TLVM13630 SLVSFT6B – MAY 2021 – REVISED JANUARY 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: TLVM13630 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |